| データシートサーチシステム |
|
APLR1000K100RSS データシート(PDF) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD |
|
|
|||||||||||||||||||||||||||||
APLR1000K100RSS データシート(HTML) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD |
|
2 / 2 page ![]() Performance Test Performance Operating Temp. Range Standard TCR Short Time Overload Load Life Thermal Shock Moisture Resistance High Temp. Storage -55°C~+125°C,+25°C Ref 10x rated power,10 times cycles, 5s ON,90s OFF +70°C,rated power for 1000h -55°C to+125°C,10 times cycles MIL-STD-202 Method 106 +125°Cfor 1000h Different packaging materials, different operating temperature ranges Test method Epoxy Coating: -55°C~+125°C Silicone Coating: -55°C~+175°C ±200ppm/°C △R≤±0.5% △R≤±2% △R≤±0.5% Epoxy Coating: △R≤±0.5% Silicone Coating: △R≤±2% △R≤±0.5% Ambient Temperature℃ 100 80 60 40 20 0 25 75 125 70℃ Derating Curve 175 ---- Epoxy Silicone Item Type Anti-Pulse Capability Reliability Inductance Moisture Resistance Long-Term Stability Price Volume Comparison of Performance among Pre-Charging Resistors Part Number Information Series APLR1000 Tolerance Coating Resistance 20R0=20 100R=100 1K00=1K 10K0=10K Example:APLR1000K50R0SE ( 50Ω±10% ±200ppm/°C Epoxy Coating ) A P L R 1 0 0 0 K 5 0 R 0 S E K=10% J=±5% TCR S=±200ppm/°C E=Epoxy S=Silicone Wirewound Resistor Film Resistor Solid Ceramic Resistor RESI Proprietary Materials Technology Average Poor Positive Various Large Average Average Average Poor Positive Poor Poor Low Large Excellent Good Negative Poor Good High Small Moderate Excellent Excellent Negative Excellent Excellent Low Non-Inductive High Energy Anti-Pulse Resistors Datasheet no. E05014 Ver V0 Date 2022/7/28 No.: E28001Version: V0 Date: 2021/05/19 C&B Electronics Shenzhen Co.,Ltd| | resi@cbeureka.com | Tel:0755-83981080/83981010 www.resistor.today APLR |