| データシートサーチシステム |
|
HT36B4 データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT36B4 データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 38 page ![]() Pin Assignment Pad Assignment Chip size: 2690 ´ 3095 (mm) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. HT36B4 Rev. 1.00 2 October 18, 2006 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 N C O S C 1 V S S V S S V D D N C N C P A 0 P A 1 P A 2 P A 3 P A 4 P A 5 P A 6 P A 7 P B 0 P B 1 N C P B 2 P B 3 P B 4 P B 5 P B 6 N C N C O S C 2 V D D A L C H R C H V S S A N C R E S P D 3 P D 2 P D 1 P D 0 P C 7 P C 6 P C 5 P C 4 N C N C P C 3 P C 2 P C 1 P C 0 P B 7 N C H T 3 6 B 4 4 8 S S O P - A ( 0 , 0 ) P A 0 P A 1 P A 2 P A 3 P A 4 P A 5 P A 6 P C 4 P C 5 P C 6 P C 7 P D 3 P D 2 P D 1 P D 0 R E S 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 4 2 3 2 2 2 1 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 P A 7 P B 0 P B 1 |