データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER12ASTR-E データシート(PDF) 17 Page - STMicroelectronics

部品番号 VIPER12ASTR-E
部品情報  Low Power OFF-Line SMPS Primary Switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12ASTR-E データシート(HTML) 17 Page - STMicroelectronics

Back Button VIPER12ASTR-E Datasheet HTML 13Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 14Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 15Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 16Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 17Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 18Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 19Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 20Page - STMicroelectronics VIPER12ASTR-E Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
VIPer12ADIP/ AS - E
Mechanical Data
DocRev1
17/21
Figure 15. Package Dimensions
Table 10.
DIP8 Mechanical Data
Dimensions
Ref.
Databook (mm)
Nom.
Min
Max
A
5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.36
0.46
0.56
b2
1.14
1.52
1.78
c
0.20
0.25
0.36
D
9.02
9.27
10.16
E
7.62
7.87
8.26
E1
6.10
6.35
7.11
e2.54
eA
7.62
eB
10.92
L
2.92
3.30
3.81
Package Weight
Gr. 470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21