| データシートサーチシステム |
|
VIPERADIP-E データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPERADIP-E データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 21 page ![]() Overvoltage threshold VIPer12ADIP/ AS - E 12/21 DocRev1 8 Overvoltage threshold An overvoltage detector on the VDD pin allows the VIPer12A to reset itself when VDD exceeds VDDovp. This is illustrated in Figure 7., which shows the whole sequence of an overvoltage event. Note that this event is only latched for the time needed by VDD to reach VDDoff, and then the device resumes normal operation automatically. Figure 7. Overvoltage Sequence t t VDS VDDon VDD VDDoff VDDovp |