| データシートサーチシステム |
|
TPA413GPLFS データシート(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TPA413GPLFS データシート(HTML) 2 Page - ITT Industries |
|
2 / 4 page ![]() Dimensions are shown: mm (inch) Specifications and dimensions subject to change www.ittcannon.com C–9 C D D ø3,2 pick & place area (.126) 3,5 (.138) ø3,4 approx. (.134) 0,65±0,1 (x7) (.026.004) 2,725 (.1073) 1,0 (x7) (.039) ø4,0 (.157) ø2,0 (.079) 5,325 (.2096) 8,05 (.317) 9,3 (.366) ø1,95±0,03 (.077±.001) 70˚0'±5˚0' R 0,17±0,05 (.007±.002) 0,55±0,05 (.022±.002) 90˚0'±2˚0' UP - 3 DOWN - 4 SELECT - 5 LEFT - 7 RIGHT - 6 COMMON - 2 COMMON - 1 RIGHT UP LEFT DOWN SELECT Button snap in sleeve lowest position F/D measurement point ( scanning ) Actuator rotation center R 0,2 (.008) 0,1 0,1 A 0,2 SERIES TPA TPA Series Navigation Tact Switch for SMT 1 2 7 LEFT 4 DOWN 6 RIGHT 3 UP 5 SELECT SCHEMATIC D D A 1 2 7 LEFT 4 DOWN 5 SELECT 6 RIGHT 3 UP UP - 3 DOWN - 4 SELECT - 5 LEFT - 7 RIGHT - 6 COMMON - 2 COMMON - 1 RIGHT UP LEFT DOWN Button snap in sleeve lowest position F/D measurement point ( scanning ) NOTA : 1 Maximum rotational play of the actuator ±3? 2 Measurement conditions to be defined 3 Shaft diameter at the top : 1,93±0,02 Actuator rotation center PCB LAYOUT COUPE D-D ECHELLE 20 ø3,4 approx. (.134) ø4,0 (.157) 90˚0'±2˚0' R 0,2 (.008) 0,1 A 2,725 (.1073) 5,325 (.2096) 8,05 (.317) 9,3 (.366) ø3,2 pick & place area (.126) 0,2 3,5 (.138) 0,1 0,650,1 (x7) (.026.004) 0,55±0,05 (.022.002) 1,0 (x7) (.039) 70˚0'±5˚0' ø1,950,03 (.077.001) R 0,17±0,05 (.007±.002) 2,7 (.106) 1,5 (.059) 0,5 (.020) 2,7 (.106) 2,7 (.106) ø2,0 (.079) ø6,0 (.024) ø6,0 (.024) ø9,0 (.035) 5,25 (.207) 2,65 (.104) 1 (.393) 1 (.393) 0,3 (.017) ø0,9 (.035) 1.5 (.059) TPA 511GP WITH PEGS www.ittcannon.com RIGHT PCB LAYOUT 2,7 (.106) ø6,0 (.024) 5,25 (.207) 2,65 (.104) 1 (.393) 1 (.393) 0,3 (.017) ø0,9 (.035) 1.5 (.059) |