データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FST3125DT データシート(PDF) 2 Page - ON Semiconductor

部品番号 74FST3125DT
部品情報  4-Bit Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3125DT データシート(HTML) 2 Page - ON Semiconductor

  74FST3125DT Datasheet HTML 1Page - ON Semiconductor 74FST3125DT Datasheet HTML 2Page - ON Semiconductor 74FST3125DT Datasheet HTML 3Page - ON Semiconductor 74FST3125DT Datasheet HTML 4Page - ON Semiconductor 74FST3125DT Datasheet HTML 5Page - ON Semiconductor 74FST3125DT Datasheet HTML 6Page - ON Semiconductor 74FST3125DT Datasheet HTML 7Page - ON Semiconductor 74FST3125DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74FST3125
http://onsemi.com
2
2
1
5
4
9
10
12
13
3
6
8
11
1B
2B
3B
4B
1A
2A
3A
4A
OE1
OE2
OE3
OE4
Figure 3. Logic Diagram
TRUTH TABLE
Inputs
Outputs
OE
A, B
L
A = B
H
Z
ORDERING INFORMATION
Device Order N mber
Package
Shipping
Device Order Number
Package
Shipping
74FST3125D
SOIC−14
55 Units / Rail
74FST3125DR2
SOIC−14
2500 Units / Tape & Reel
74FST3125DT
TSSOP*
(Pb−Free)
96 Units / Rail
74FST3125DTR2
TSSOP*
(Pb−Free)
2500 Units / Tape & Reel
74FST3125QS
QSOP−16
96 Units / Rail
74FST3125QSR
QSOP−16
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5 6 7 8