| データシートサーチシステム |
|
UPC1676P データシート(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC1676P データシート(HTML) 2 Page - NEC |
|
2 / 5 page ![]() ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C) Frequency, f (MHz) TYPICAL PERFORMANCE CURVES (TA = 25°C) SYMBOLS PARAMETERS UNITS RATINGS VCC Power Supply Voltage V 6 PT Total Power Dissipation UPC1676B/P W 1.5 (TC = +125 °C) UPC1676G mW 200 (TA = +85 °C) TOP Operating Temperature UPC1676B/P °C -55 to +125 UPC1676G °C -40 to +85 TSTG Storage Temperature UPC1676B/P °C -65 to +200 UPC1676G °C -55 to +150 Note: 1. Operation in excess of any one of these parameters may result in permanent damage. VCC = 5 V 0 -10 -20 -30 10 20 50 100 200 500 1000 2000 VCC OUT GND IN EQUIVALENT CIRCUIT UPC1676B, UPC1676G, UPC1676P VCC = 5 V f = 500 MHz 15 10 5 0 -5 -10 -15 -35 -30 -25 -20 -15 -10 -5 UPC1676B/P INPUT POWER vs. OUTPUT POWER Input Power, PIN (dBm) 25 20 15 10 5 0 0 1 2 3 4 5 6 Supply Voltage, VCC (V) UPC1676B/P ISOLATION vs. FREQUENCY CIRCUIT CURRENT vs. VOLTAGE 30 20 10 0 -50 0 50 100 UPC1676G CIRCUIT CURRENT vs. OPERATING TEMPERATURE Operating Temperature, TOP ( °C) |