データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H7 データシート(PDF) 16 Page - STMicroelectronics

部品番号 STM32H7
部品情報  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7 データシート(HTML) 16 Page - STMicroelectronics

Back Button STM32H7 Datasheet HTML 12Page - STMicroelectronics STM32H7 Datasheet HTML 13Page - STMicroelectronics STM32H7 Datasheet HTML 14Page - STMicroelectronics STM32H7 Datasheet HTML 15Page - STMicroelectronics STM32H7 Datasheet HTML 16Page - STMicroelectronics STM32H7 Datasheet HTML 17Page - STMicroelectronics STM32H7 Datasheet HTML 18Page - STMicroelectronics STM32H7 Datasheet HTML 19Page - STMicroelectronics STM32H7 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 357 page
background image
Introduction
STM32H742xI/G STM32H743xI/G
16/357
DS12110 Rev 10
1
Introduction
This document provides information on STM32H742xI/G STM32H743xI/G microcontrollers,
such as description, functional overview, pin assignment and definition, electrical
characteristics, packaging, and ordering information.
This document should be read in conjunction with the STM32H742xI/G STM32H743xI/G
reference manual (RM0433), available from the STMicroelectronics website www.st.com.
For information on the device errata with respect to the datasheet and reference manual,
refer to the STM32H742xI/G STM32H743xI/G errata sheet (ES0392), available on the
STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M7 core, please refer to the Cortex®-M7 Technical
Reference Manual, available from the http://www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More