| データシートサーチシステム |
|
SY88823VEY データシート(PDF) 8 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
SY88823VEY データシート(HTML) 8 Page - Micrel Semiconductor |
|
8 / 11 page ![]() 8 SY88823V Micrel, Inc. M9999-110905 hbwhelp@micrel.com or (408) 955-1690 SD 4.75k Ω VCC Figure 5. SD Output Structure RSDLVL SDLVL VCC REF 2.8k Ω Figure 6. SD LVL Setting Circuit DATA+ 5mV (Min.) 900mV (Max.) 10mVpp (Min.) 1800mVpp (Max.) DATA– (DATA+) – (DATA–) VIS(mV) VID(mVpp) Figure 1. V IS and VID Definition GND VCC ESD STRUCTURE /DIN DIN Figure 2. Input Structure 50 Ω GND VCC 16mA /DOUT AC-Coupling Capacitors Z0 = 50Ω Z0 = 50Ω VCC 50 Ω 50 Ω 50 Ω ESD STRUCTURE DOUT 0.1 µF Figure 3. Output Structure 50 Ω GND 16mA 50 Ω VCC 16mA ICC ESD STRUCTURE Figure 4. Power Supply Current Measurement |