| データシートサーチシステム |
|
PCF5271CVM100 データシート(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCF5271CVM100 データシート(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 56 page ![]() Mechanicals/Pinouts and Part Numbers MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2 Freescale Semiconductor 27 6.7.3 BDM Use the BDM interface as shown in the M5271EVB evaluation board user’s manual. The schematics for this board are accessible at the MCF5271 site by navigating from: http://www.freescale.com following the 32-bit Embedded Processors, 68K/ColdFire, MCF5xxx, MCF5271 and M5271EVB links. 7 Mechanicals/Pinouts and Part Numbers This section contains drawings showing the pinout and the packaging and mechanical characteristics of the MCF5271 devices. See Table 2 for a list the signal names and pin locations for each device. |