| データシートサーチシステム |
|
LT6204CS データシート(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT6204CS データシート(HTML) 2 Page - Linear Technology |
|
2 / 24 page ![]() LT6202/LT6203/LT6204 2 620234fa ABSOLUTE AXI U RATI GS Total Supply Voltage (V+ to V–) ............................ 12.6V Input Current (Note 2) ........................................ ±40mA Output Short-Circuit Duration (Note 3) ............ Indefinite Operating Temperature Range (Note 4) ...–40 °C to 85°C Specified Temperature Range (Note 5) ....–40 °C to 85°C Junction Temperature ........................................... 150 °C PACKAGE/ORDER I FOR ATIO (Note 1) Junction Temperature (DD Package) .................... 125 °C Storage Temperature Range ..................–65 °C to 150°C Storage Temperature Range (DD Package) ........................................–65 °C to 125°C Lead Temperature (Soldering, 10 sec).................. 300 °C OUT 1 V– 2 TOP VIEW S5 PACKAGE 5-LEAD PLASTIC TSOT-23 +IN 3 5 V+ 4 –IN TJMAX = 150°C, θJA = 250°C/W TJMAX = 150°C, θJA = 250°C/W 1 2 3 4 OUT A –IN A +IN A V– 8 7 6 5 V+ OUT B –IN B +IN B TOP VIEW MS8 PACKAGE 8-LEAD PLASTIC MSOP + – TJMAX = 150°C, θJA = 190°C/W ORDER PART NUMBER LT6202CS5 LT6202IS5 LTG6 S5 PART MARKING* MS8 PART MARKING LTB2 LTB3 ORDER PART NUMBER LT6202CS8 LT6202IS8 S8 PART MARKING 6202 6202I ORDER PART NUMBER LT6203CMS8 LT6203IMS8 TJMAX = 150°C, θJA = 190°C/W 1 2 3 4 8 7 6 5 TOP VIEW NC V+ OUT NC NC –IN +IN V– S8 PACKAGE 8-LEAD PLASTIC SO TOP VIEW DD PACKAGE 8-LEAD (3mm × 3mm) PLASTIC DFN 5 6 7 8 4 3 2 1 OUT A –IN A +IN A V– V+ OUT B –IN B +IN B B A TJMAX = 125°C, θJA = 160°C/W UNDERSIDE METAL CONNECTED TO V– ORDER PART NUMBER LT6203CDD LT6203IDD DD PART MARKING* LAAP *The temperature grades are identified by a label on the shipping container. TOP VIEW S8 PACKAGE 8-LEAD PLASTIC SO 1 2 3 4 8 7 6 5 OUT A –IN A +IN A V – V+ OUT B –IN B +IN B + – ORDER PART NUMBER LT6203CS8 LT6203IS8 S8 PART MARKING 6203 6203I |