データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PDTA143TM データシート(PDF) 2 Page - NXP Semiconductors

部品番号 PDTA143TM
部品情報  PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143TM データシート(HTML) 2 Page - NXP Semiconductors

  PDTA143TM Datasheet HTML 1Page - NXP Semiconductors PDTA143TM Datasheet HTML 2Page - NXP Semiconductors PDTA143TM Datasheet HTML 3Page - NXP Semiconductors PDTA143TM Datasheet HTML 4Page - NXP Semiconductors PDTA143TM Datasheet HTML 5Page - NXP Semiconductors PDTA143TM Datasheet HTML 6Page - NXP Semiconductors PDTA143TM Datasheet HTML 7Page - NXP Semiconductors PDTA143TM Datasheet HTML 8Page - NXP Semiconductors PDTA143TM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2004 Aug 04
2
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PDTA143T series
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
QUICK REFERENCE DATA
DESCRIPTION
PNP resistor-equipped transistor (see “Simplified outline,
symbol and pinning” for package details).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−−50
V
IO
output current (DC)
−−100 mA
R1
bias resistor
4.7
−
k
Ω
R2
open
−−−
PRODUCT OVERVIEW
Note
1. * = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
TYPE NUMBER
PACKAGE
MARKING CODE
NPN COMPLEMENT
PHILIPS
EIAJ
PDTA143TE
SOT416
SC-75
39
PDTC143TE
PDTA143TEF
SOT490
SC-89
10
PDTC143TEF
PDTA143TK
SOT346
SC-59
45
PDTC143TK
PDTA143TM
SOT883
SC-101
E6
PDTC143TM
PDTA143TS
SOT54 (TO-92)
SC-43
TA143T
PDTC143TS
PDTA143TT
SOT23
−
*42(1)
PDTC143TT
PDTA143TU
SOT323
SC-70
*45(1)
PDTC143TU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14