データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH3R02RL データシート(PDF) 6 Page - STMicroelectronics

部品番号 STTH3R02RL
部品情報  Ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R02RL データシート(HTML) 6 Page - STMicroelectronics

  STTH3R02RL Datasheet HTML 1Page - STMicroelectronics STTH3R02RL Datasheet HTML 2Page - STMicroelectronics STTH3R02RL Datasheet HTML 3Page - STMicroelectronics STTH3R02RL Datasheet HTML 4Page - STMicroelectronics STTH3R02RL Datasheet HTML 5Page - STMicroelectronics STTH3R02RL Datasheet HTML 6Page - STMicroelectronics STTH3R02RL Datasheet HTML 7Page - STMicroelectronics STTH3R02RL Datasheet HTML 8Page - STMicroelectronics STTH3R02RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
STTH3R02
6/9
3
Package information
●
Epoxy meets UL94, V0
●
Cooling method: by conduction (C)
Table 5.
DO-201AD Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.50
0.374
B
25.40
1.000
C
5.30
0.209
D
1.30
0.051
E
1.25
0.049
Notes
1 - The lead diameter ø D is not
controlled over zone E
2 - The minimum length which must stay
straight between the right angles after
bending is 0.59"(15mm)
Table 6.
DO-15 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
ØC
ØD
A
EE
Note 2
Note 1
Note 1
BB
D
B
A
CC



Html Pages

1 2 3 4 5 6 7 8 9