| データシートサーチシステム |
|
ST4SI2M0020TPIFW データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST4SI2M0020TPIFW データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 26 page ![]() Figure 18. D16 micromodule contact assignment Table 8. D16 contact descriptions Name Contact number Description VCC C1 Power supply ISO_RST/GPIO5 C2 ISO 7816-3 interface reset ISO_CLK/GPIO6 C3 ISO 7816-3 interface CLK Reserved for future use C4 Not used GND C5 Ground supply SWIO C6 Not used ISO_IO0/GPIO7 C7 ISO 7816-3 interface serial input/output 7.3 WLCSP11 package information For information on the wafer level chip scale package (WLCSP11) pinout, contact the local STMicroelectronics sales office. ST4SIM-200M WLCSP11 package information DB4082 - Rev 5 page 19/26 |