データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMPR4955A データシート(PDF) 39 Page - Toshiba Semiconductor

部品番号 TMPR4955A
部品情報  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955A データシート(HTML) 39 Page - Toshiba Semiconductor

Back Button TMPR4955A Datasheet HTML 35Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 36Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 37Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 38Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 39Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 40Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 41Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 42Page - Toshiba Semiconductor TMPR4955A Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 168 page
background image
4
Precautions and Usage Considerations
4-1
4.
Precautions and Usage Considerations
This section describes matters specific to each product group which need to be taken into
consideration when using devices. If the same item is described in Sections 3 and 4, the
description in Section 4 takes precedence.
4.1
Microcontrollers
4.1.1
Design
(1) Using resonators which are not specifically recommended for use
Resonators recommended for use with Toshiba products in microcontroller oscillator applications
are listed in Toshiba databooks along with information about oscillation conditions. If you use a
resonator not included in this list, please consult Toshiba or the resonator manufacturer
concerning the suitability of the device for your application.
(2) Undefined functions
In some microcontrollers certain instruction code values do not constitute valid processor
instructions. Also, it is possible that the values of bits in registers will become undefined. Take
care in your applications not to use invalid instructions or to let register bit values become
undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More