データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMPR4955AF データシート(PDF) 53 Page - Toshiba Semiconductor

部品番号 TMPR4955AF
部品情報  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF データシート(HTML) 53 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 49Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 50Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 51Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 52Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 53Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 54Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 55Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 56Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 168 page
background image
Chapter 3 Initialization Interface
3-3
Figure 3.2.1 Cold Reset
Figure 3.2.2 Warm Reset
Note: As for the PLLReset*, there is not need to take the same period with Master Clock.
Figure 3.2.3 Power on Reset
VCC
MasterClock
(MClk)
ColdReset*
Reset*
Wavy lines indicate one or more identical cycles, not
shown due to space constraints
≥64,000MClk cycles
TDH
TDS
≥16MClk cycles
VCC
MasterClock
(MClk)
ColdReset*
Reset*
Wavy lines indicate one or more identical cycles, not
shown due to space constraints
≥16MClk cycles
TDS
TDH
VCC IO
VCC Int
MasterClock
(MClk)
Wavy lines indicate one or more identical cycles, not
shown due to space constraints
ColdReset*
≥64,000MClk cycles
≥16MClk cycles
PLLReset*
Reset*
≥100 ms
Internal clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More