| データシートサーチシステム |
|
74LVC573AMTR データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LVC573AMTR データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() 74LVC573A 2/13 Figure 2: Input And Output Equivalent Circuit Table 2: Pin Description Table 3: Truth Table X : Don’t Care Z : High Impedance Table 4: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND PIN N° SYMBOL NAME AND FUNCTION 1OE 3 State Output Enable Input (Active LOW) 2, 3, 4, 5, 6, 7, 8, 9 D0 to D7 Data Inputs 12, 13, 14, 15, 16, 17, 18, 19 Q0 to Q7 3-State Latch Outputs 11 LE Latch Enable Input 10 GND Ground (0V) 20 VCC Positive Supply Voltage INPUTS OUTPUT OE LE D Q H XXZ LL X NO CHANGE LHL L LH H H Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage (VCC = 0V) -0.5 to +7.0 V VO DC Output Voltage (High or Low State) (note 1) -0.5 to VCC + 0.5 V IIK DC Input Diode Current - 50 mA IOK DC Output Diode Current (note 2) - 50 mA IO DC Output Current ± 50 mA ICC or IGND DC VCC or Ground Current per Supply Pin ± 100 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C |