| データシートサーチシステム |
|
AMCC0400 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMCC0400 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() 使用温度範囲:-20∼+155℃ (自己温度上昇を含む) Operating temperature :-20∼+155℃ ( including self temperature rise ) *注 意1: これらデータはAMCC-63およびF3CC0063 に相当する形状の値です。 *Note1: These data shows value of the shape corresponding to AMCC-63 and F3CC0063. 図3 カットコア形状 Fig. 3 Shape of cut core A A D B E 図2 各種カットコアのコアロス特性 Fig. 2 Core loss of various cut cores 図1 各種カットコアの直流重畳特性* Fig. 1 DC superposition characteristics of various cut cores* ® ® ® ® Features Applications Inductors ( choke coils ) for power conditioner of photovoltaic, wind power generator, fuel cell. Inductors for boost/down converter of HEV, FCV, UPS, etc. Low Core Loss AMCC series and F3CC series cut cores have much lower core loss than those made of other magnetic metallic materials. High Operation Flux Density BS= BS= AMCC series and F3CC series cut cores allow designing applications with high operation flux density due to high saturation flux density ( AMCC series : BS=1.56T, F3CC series : BS=1.23T ) and lower core loss property. High Operation Temperature AMCC series and F3CC series cut cores can be used in class F insulation grade (155 |