| データシートサーチシステム |
|
HCC4040B データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4040B データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 16 page ![]() Product name Description Commercial Product(1) ESCC specification Quality level Package(2) Lead finish Marking(3) Mass (g) HCC4538B Rad-hard dual precision monostable multivibrator HCC4538BKG 920700701 ESCC Flight FLAT16 ESA FP Gold 920700701 0.70 HCC4538BKT 920700702 ESCC Flight FLAT16 ESA FP Solder Dip 920700702 0.70 HCC4556B Rad-hard dual 1- of-4 decoder / demux output low HCC4556BDG 940802508 ESCC Flight DIL16 FP Gold 940802508 2.20 HCC4556BDT 940802509 ESCC Flight DIL16 FP Solder Dip 940802509 2.20 HCC4556BKG 940802501 ESCC Flight FLAT16 ESA FP Gold 940802501 0.70 HCC4556BKT 940802502 ESCC Flight FLAT16 ESA FP Solder Dip 940802502 0.70 1. The complete specification of each type (including information about packages) is available from the ESCC web site: https://escies.org using its ESCC part number. 2. The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the package. 3. Specific marking only. Complete marking includes the following: ST logo; ESA logo; Date code (details ofnthe date code are provided in Section 7.1: Date code); ESCC part number (as mentioned in above table); Country of origin (FR = France); Part serial number within the assembly lot. HCC40xxx, HCC45xxx Ordering information DS6709 - Rev 8 page 12/16 |