データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCC4050B データシート(PDF) 12 Page - STMicroelectronics

部品番号 HCC4050B
部品情報  Rad-hard, high voltage, CMOS logic series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4050B データシート(HTML) 12 Page - STMicroelectronics

Back Button HCC4050B Datasheet HTML 8Page - STMicroelectronics HCC4050B Datasheet HTML 9Page - STMicroelectronics HCC4050B Datasheet HTML 10Page - STMicroelectronics HCC4050B Datasheet HTML 11Page - STMicroelectronics HCC4050B Datasheet HTML 12Page - STMicroelectronics HCC4050B Datasheet HTML 13Page - STMicroelectronics HCC4050B Datasheet HTML 14Page - STMicroelectronics HCC4050B Datasheet HTML 15Page - STMicroelectronics HCC4050B Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Product
name
Description
Commercial
Product(1)
ESCC
specification
Quality level
Package(2)
Lead
finish
Marking(3)
Mass
(g)
HCC4538B
Rad-hard dual
precision monostable
multivibrator
HCC4538BKG
920700701
ESCC Flight
FLAT16 ESA
FP
Gold
920700701
0.70
HCC4538BKT
920700702
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
920700702
0.70
HCC4556B
Rad-hard dual 1-
of-4 decoder / demux
output low
HCC4556BDG
940802508
ESCC Flight
DIL16 FP
Gold
940802508
2.20
HCC4556BDT
940802509
ESCC Flight
DIL16 FP
Solder
Dip
940802509
2.20
HCC4556BKG
940802501
ESCC Flight
FLAT16 ESA
FP
Gold
940802501
0.70
HCC4556BKT
940802502
ESCC Flight
FLAT16 ESA
FP
Solder
Dip
940802502
0.70
1. The complete specification of each type (including information about packages) is available from the ESCC
web site: https://escies.org using its ESCC part number.
2. The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the package.
3. Specific marking only. Complete marking includes the following: ST logo; ESA logo; Date code (details
ofnthe date code are provided in Section 7.1: Date code); ESCC part number (as mentioned in above table);
Country of origin (FR = France); Part serial number within the assembly lot.
HCC40xxx, HCC45xxx
Ordering information
DS6709 - Rev 8
page 12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16