| データシートサーチシステム |
|
NA-RTSM データシート(PDF) 18 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
NA-RTSM データシート(HTML) 18 Page - Omron Electronics LLC |
|
18 / 36 page ![]() Select the default language by clicking the ↑or ↓Button. The font of the specified object can be changed. Helps install your machines globally and modularize design. Language Settings • Different fonts, sizes, and styles can be set for different languages. You can use your specified fonts or fonts suitable for local languages. Also the font of a specified object can be changed according to language. • The default language can be changed. Properties and alarm groups, as well as screens, are displayed in local language, which makes design faster and easier. Resource management The list of all alarm information can be edited. The table with the same layout as the alarm table can be edited efficiently. Improved user alarm editing • User alarms can be exported to and imported from Excel with the same layout as the user alarm table. The table can be sorted or filtered in Excel. • Both the message and its details are exported to and imported from Excel. They are sorted according to the alarm ID, allowing you to edit text strings while you view all information. • Even if alarms are grouped, such as by machine module, all alarms can be imported and exported at once. Different fonts can be set for different languages. You can edit both the messages and details in all languages on the same sheet. 18 Bringing technology to life - NA Series, Machine Interface |