| データシートサーチシステム |
|
BGY282 データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BGY282 データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 12 page ![]() 2001 Dec 04 8 Philips Semiconductors Preliminary specification dual band UHF amplifier module for GSM900 and GSM1800 BGY282 TOP VIEW Fig.7 PCB test circuit. SOLDERING The indicated temperatures are those at the solder interfaces. Advised solder types are types with a liquidus less or equal to 210 °C. Soldering can be carried out using a conveyor oven, a hot air oven, an infrared oven or a combination of these ovens. A double reflow process can be used. Hand soldering is not recommended because of the nature of the contacts. The maximum allowed temperature is 250 °C for a maximum of 5 seconds. The maximum ramp-up is 10 °C per second. The maximum cool-down is 5 °C per second. Fig.8 Recommended reflow temperature profile. handbook, halfpage 0 300 200 100 0 15 23 4 MGM159 t (min) T ( °C) |