| データシートサーチシステム |
|
MPC5553AVR80R2 データシート(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5553AVR80R2 データシート(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 60 page ![]() Mechanicals MPC5553 Microcontroller Data Sheet, Rev. 0 Preliminary—Subject to Change Without Notice Freescale Semiconductor 49 4 Mechanicals 4.1 Pinouts 4.1.1 MPC5553 416 PBGA Pinout Figure 33, Figure 34, and Figure 35 show the pinout for the MPC5553 416 PBGA package. While the MPC5553 and the MPC5554/MPC5565/MPC5566 are pin-compatible, the MPC5553 ball map is shown here to highlight the balls that are not connected to any signal on the MCP5553 (the eTPUB[0:31] and TSIZ[0:1]). The alternate Ethernet signals that are multiplexed with the data bus are not shown for the MPC5553. NOTE Some pins have names that include functions that are not available on all family members. For example, ball R25 of the 416 BGA package is named ‘SINA,’ but the MPC5553 does not have a DSPI_A module. In this case, the SINA pin can only be used for its alternate functions of GPIO94 or PCSC2. See the specific device reference manual for functions available on each device in the family. |