| データシートサーチシステム |
|
PIC18F6410E/PTSQTP データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6410E/PTSQTP データシート(HTML) 17 Page - Microchip Technology |
|
17 / 404 page ![]() 2004 Microchip Technology Inc. Preliminary DS39635A-page 15 PIC18F6310/6410/8310/8410 PORTC is a bidirectional I/O port. RC0/T1OSO/T13CKI RC0 T1OSO T13CKI 30 I/O O I ST — ST Digital I/O. Timer1 oscillator output. Timer1/Timer3 external clock input. RC1/T1OSI/CCP2 RC1 T1OSI CCP2(1) 29 I/O I I/O ST CMOS ST Digital I/O. Timer1 oscillator input. Capture 2 input/Compare 2 output/PWM 2 output. RC2/CCP1 RC2 CCP1 33 I/O I/O ST ST Digital I/O. Capture 1 input/Compare 1 output/PWM 1 output. RC3/SCK/SCL RC3 SCK SCL 34 I/O I/O I/O ST ST ST Digital I/O. Synchronous serial clock input/output for SPI™ mode. Synchronous serial clock input/output for I2C™ mode. RC4/SDI/SDA RC4 SDI SDA 35 I/O I I/O ST ST ST Digital I/O. SPI data in. I2C data I/O. RC5/SDO RC5 SDO 36 I/O O ST — Digital I/O. SPI data out. RC6/TX1/CK1 RC6 TX1 CK1 31 I/O O I/O ST — ST Digital I/O. EUSART1 asynchronous transmit. EUSART1 synchronous clock (see related RX1/DT1). RC7/RX1/DT1 RC7 RX1 DT1 32 I/O I I/O ST ST ST Digital I/O. EUSART1 asynchronous receive. EUSART1 synchronous data (see related TX1/CK1). TABLE 1-2: PIC18F6310/6410 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open-Drain (no P diode to VDD) Note 1: Default assignment for CCP2 when configuration bit CCP2MX is set. 2: Alternate assignment for CCP2 when configuration bit CCP2MX is cleared. |