| データシートサーチシステム |
|
MS02A14-32SW データシート(PDF) 8 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
MS02A14-32SW データシート(HTML) 8 Page - ITT Industries |
|
8 / 25 page ![]() A-45 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change A Box Mounting Receptacles MN Shell A B K L +.031 (+.79) Dia. R* S T Z Size ±.003 (±.08) Max. ±.016 (±.41) Max. -.000 (-.00) Max. (TP) Max. ±.005 Max. †8 .471 (11.96) .978 (24.84) .062 (1.57) 1.320 (33.07) .431 (10.95) .469 (11.91) .594 (15.09) .828 (21.03) .120 (3.05) .354 (8.99) 10 .588 (14.96) .978 (24.84) .062 (1.57) 1.320 (33.07) .431 (10.95) .593 (15.06) .719 (18.26) .954 (24.23) .120 (3.05) .354 (8.99) 12 .748 (19.00) .978 (24.84) .062 (1.57) 1.320 (33.07) .431 (10.95) .719 (18.26) .812 (20.62) 1.047 (26.59) .120 (3.05) .354 (8.99) 14 .873 (22.17) .978 (24.84) .062 (1.57) 1.320 (33.07) .431 (10.95) .843 (21.41) .906 (23.01) 1.141 (28.98) .120 (3.05) .354 (8.99) 16 .998 (25.35) .978 (24.84) .062 (1.57) 1.320 (33.07) .431 (10.95) .969 (24.61) .969 (24.61) 1.234 (31.34) .120 (3.05) .354 (8.99) 18 1.123 (28.52) .978 (24.84) .062 (1.57) 1.320 (33.07) .431 (10.95) 1.093 (27.76) 1.062 (26.97) 1.328 (33.73) .120 (3.05) .354 (8.99) 20 1.248 (31.70) 1.196 (30.38) .094 (2.39) 1.387 (34.72) .556 (14.12) 1.219 (30.96) 1.156 (29.36) 1.453 (36.91) .120 (3.05) .417 (10.59) 22 1.373 (34.87) 1.196 (30.38) .094 (2.39) 1.387 (34.72) .556 (14.12) 1.343 (34.11) 1.250 (31.75) 1.578 (40.08) .120 (3.05) .417 (10.59) 24 1.498 (38.05) 1.196 (30.38) .094 (2.39) 1.418 (36.02) .589 (14.96) 1.469 (37.31) 1.375 (34.92) 1.703 (43.26) .147 (3.73) .445 (11.30) MS3112 (MS service class E) KPT02 MS3122 (MS service class E) KPSE02 Note: Connector does not accomodate backshell. † Not available in KPSE *(TP) located within .010 T.P. with respect to diameter A and master keyway. S R (TP) .140 RAD MAX POLARIZING GROOVE T DIA 4 MTG HOLES RECEPTACLE ASSEMBLY A DIA M CRIMP KPSE02/MS3122 SOLDER KPT02/MS3112 N DIA L K N DIA B M A DIA K Z Cannon KPT/KPSE MIL-C-26482 Series I Connectors ca_A1-A163.qxd:Layout 1 2/9/11 7:49 PM Page 45 |