データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F800T-150 データシート(PDF) 29 Page - Advanced Micro Devices

部品番号 AM29F800T-150
部品情報  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800T-150 データシート(HTML) 29 Page - Advanced Micro Devices

Back Button AM29F800T-150 Datasheet HTML 25Page - Advanced Micro Devices AM29F800T-150 Datasheet HTML 26Page - Advanced Micro Devices AM29F800T-150 Datasheet HTML 27Page - Advanced Micro Devices AM29F800T-150 Datasheet HTML 28Page - Advanced Micro Devices AM29F800T-150 Datasheet HTML 29Page - Advanced Micro Devices AM29F800T-150 Datasheet HTML 30Page - Advanced Micro Devices AM29F800T-150 Datasheet HTML 31Page - Advanced Micro Devices AM29F800T-150 Datasheet HTML 32Page - Advanced Micro Devices AM29F800T-150 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
29
PR E L IM IN A R Y
SWITCHING WAVEFORMS
Notes:
1. PA is address of the memory location to be programmed.
2. PD is data to be programmed at byte address.
3. DQ7 is the output of the complement of the data written to the device.
4. DOUT is the output of the data written to the device.
5. Figure indicates last two bus cycles of four bus cycle sequence.
6. These waveforms are for the x16 mode.
Figure 9.
Program Operation Timings
Notes:
1. SA is the sector address for Sector Erase.
2. These waveforms are for the x16 mode.
Figure 10.
AC Waveforms Chip/Sector Erase Operations
DOUT
PD
tAH
Data Polling
tDF
tOH
tOE
tDS
tCS
tWPH
tDH
tWP
tGHWL
Addresses
CE
OE
WE
Data
5.0 V
DQ7
555H
PA
A0H
PA
3rd Bus Cycle
20375C-14
tWC
tRC
tAS
tWHWH1
tCE
tAS
tWP
tCS
tDH
555H
2AAH
SA
CE
OE
WE
Data
VCC
AAH
55H
Addresses
2AAH
tVCS
tDS
555H
555H
tWPH
tGHWL
tAH
AAH
55H
80H
10H/30H
20375C-15
555 for chip erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41