データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP67 データシート(PDF) 16 Page - List of Unclassifed Manufacturers

部品番号 IP67
部品情報  IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

IP67 データシート(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP67 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Page <16>
V1.0
01/04/20
IP67 DIE-Cast Aluminium Enclosures
With EPDM Continuous Seal
Description
Colour
External Dimension
(L × W × H)
(mm)
Part Number
Spare Seal
-
144.8×104.9×1.5
MC001251
155.3×95.3×1.5
MC001262
155.3×95.3×1.5
MC001263
172.1×77.1×1.5
MC001267
167.9×117.8×1.9
MC001252
197.1×117.1×1.5
MC001268
221×144.2×2.2
MC001253
221×144.2×2.2
MC001254
118.2×118.2×1.7
MC001255
156.2×156.2×1.6
MC001256
256.7×156.7×1.7
MC001269
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
withoutnoticeandreplacesalldatasheetspreviouslysupplied.TheInformationsuppliedisbelievedtobeaccuratebuttheGroupassumesnoresponsibilityforitsaccuracyorcompleteness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence.MulticompProistheregisteredtrademarkofPremierFarnellLimited2019.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16