| データシートサーチシステム |
|
910 データシート(PDF) 2 Page - Anderson Power Products, Inc. |
|
|
|||||||||||||||||||||||||||||
910 データシート(HTML) 2 Page - Anderson Power Products, Inc. |
|
2 / 2 page ![]() Anderson Power Products® HEADQUARTERS: 13 Pratts Junction Road, P.O. Box 579, Sterling, MA 01564 T:978-422-3600 F:978-422-3700 EUROPE: Rathealy Road, Fermoy Co. Cork, Ireland T:353-(0)25-32277 F:353-(0)25-32296 www.andersonpower.com SB® 350 Connector UL Recognized File No. E26226 ® CSA Certified File No. LR25154 ) All Data Subject To Change Without Notice DIMENSIONS TEMPERATURE RISE CHARTS SB®350 Housing Part Number -A- -B- -C- -D- -E- -F- Series mm in. mm in. mm in. mm in. mm in. mm in. SB®350 28.5 1.13 35.0 1.38 1.38 35.0 69.8 2.75 108.0 4.25 182.6 7.19 -G- -H- -J- Series mm in. mm in. mm in. SB®350 27.0 1.06 33.3 1.31 6.7 0.27 DS-SB350 REV01 Accessories Part Number Description 995G2 Handle & hardware-gray 995G4 Handle & hardware-red 919 Manual release-locking half-cable clamps, hardware & lock out spring for the battery 919G1 Mounting half-mounting half-hardware & lock out spring for battery 922G1 Mounting half-hardware for truck or charger 111197G1 Charger key 134G3 Dust cover 996G1 Cable clamps-2 single conductor with hardware 911 Cable clamps-2 single conductor, cables with hardware and steel handle Bushings Part Wire Number Description AWG sq. mm 5918 Use with 907 2/0 to 1/0 67.4/53.5 Tooling Part Number Description 1368 Hand tool for 1/0 to 300 mcm 1387G1 Pneumatic tool 1388G2 - die for 1/0 to 3/0 1389G2 - locator for 1/0 to 3/0 1388G1 - die for 4/0 1389G1 - locator for 4/0 ORDERING INFORMATION SB350 Temperature Rise at Constant Current Amperes Applied 0 10 20 30 40 0 50 100 150 200 250 300 350 400 300MCM "4/0" "3/0" "2/0" "1/0" SB350 Pulse Current Capability Duration of Current (seconds) 0 500 1000 1500 2000 2500 3000 0.5 2 8 32 128 512 2048 300 mcm "4/0" "3/0" "2/0" "1/0" A B C D J(2) E F G H C A B Bushing - (for use with 907 contact) Part Reduces -A- -B- -C- Number From mm in. mm in. mm in. 5918 2/0 to 1/0 AWG 28.0 1.1 12.2 .48 11.2 .44 A B C D E SB®350 Contacts Part -A- -B- -C- -D- -E- Number mm in. mm in. mm in. mm in mm in. 907 75.1 2.96 16.3 .64 12.4 .49 32.8 1.29 20.6 .81 908 75.1 2.96 19.1 .75 16.3 .64 32.8 1.29 20.6 .81 910 73.9 2.91 22.2 .87 19.1 .75 32.5 1.28 20.6 .81 916 75.1 2.96 17.9 .7 14.7 .58 32.8 1.29 20.6 .81 917 73.9 2.91 13 .51 11.1 .44 31.8 1.25 20.6 .81 |