| データシートサーチシステム |
|
TMF8820 データシート(PDF) 11 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8820 データシート(HTML) 11 Page - OSRAM GmbH |
|
11 / 37 page ![]() Document Feedback TMF882X Using the EVM Software Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 10 3.1 Controls for All Tabs 3.1.1 Menu The global menu contains these entries: "File" Menu ● "Save Configuration" - save all EVM GUI settings (control values) ● "Load Configuration" - loads all EVM GUI settings (control values) ● "Exit" - leave the EVM GUI "Help" Menu ● "About Dialog" - shows version information and copyright notices 3.1.2 Main Tab Selector [1] Select your view context here: ● The "Main" tab shows histograms (also in a histogram matrix) and data for the object in the sensor's field of view as a bar chart (distance and confidence) ● The "3D" tab shows a 3D graphical representation the same object data(distance and confidence) ● The "Interrupt" tab is similar to the 3D tab and allows you to set object detection parameters (e.g. relevant object distance) ● You can update the firmware on the EVM module with the "File Upload" tab 3.1.3 Histogram Display Selector [2] Figure 7: Histogram Display Selector You can display histograms either in a combined graph as shown above or separately for each of the channels by selecting "Histogram Matrix". |