データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RFKBES10EC データシート(PDF) 7 Page - Panasonic Semiconductor

部品番号 RFKBES10EC
部品情報  DVD Video Recorder Service Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RFKBES10EC データシート(HTML) 7 Page - Panasonic Semiconductor

Back Button RFKBES10EC Datasheet HTML 3Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 4Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 5Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 6Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 7Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 8Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 9Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 10Page - Panasonic Semiconductor RFKBES10EC Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
3 Precaution of Laser Diode
4 Handling the Lead-free Solder
4.1.
About lead free solder (PbF)
Distinction of PbF P.C.B.:
P.C.B.s (manufactured) using lead free solder will have a PbF stamp on the P.C.B.
Caution:
· Pb free solder has a higher melting point than standard solder; Typically the melting point is 50 - 70°F (30 - 40°C) higher.
Please use a high temperature soldering iron. In case of the soldering iron with temperature control, please set it to 700 ±
20°F (370 ± 10°C).
· Pb free solder will tend to splash when heated too high (about 1100°F/600°C).
· When soldering or unsoldering, please completely remove all of the solder on the pins or solder area, and be sure to heat
the soldering points with the Pb free solder until it melts enough.
7
DMR-ES10EB / DMR-ES10EC / DMR-ES10EG / DMR-ES10EP / DMR-ES10EBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71