データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCC0LMF データシート(PDF) 2 Page - Balluff Korea Ltd.

部品番号 BCC0LMF
部品情報  Y-Splitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LMF データシート(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LMF Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LMF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Y-Splitters
BCC S415-S413-S413-U2106-006
Order Code: BCC0LMF
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 277509
ETIM 6.0: EC001855
BCC0LMF_0.4_2022-07-04
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free per DIN VDE 0472 Part 815
Silicone-free
Flame resistance per IEC 60332-2-2
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings
I
II, III
Wiring Diagrams



Html Pages

1 2