| データシートサーチシステム |
|
LSF5A データシート(PDF) 23 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSF5A データシート(HTML) 23 Page - Honeywell Solid State Electronics Center |
|
23 / 38 page ![]() Sensing and Internet of Things 23 MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series SPDT Plug-in (mm[in]) SPDT Non-plug-in (mm[in]) DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) Figure 14. MICRO SWITCH HDLS LSV Series top adjustable plunger (single pole) dimensions 16,5 [.65] 25,4 [1.00] 39,0 [1.54] 44,5 [1.75] 74,9 [2.95] 21,6 [.85] 17,5 [.69] 29,4 [1.16] 41,1 [1.62] 59,4 [2.34] 70,4 [2.77] 53,1 [2.09] MIN OPERATING POINT 59,4 [2.34] MAX OPERATING POINT 14,7 [.58] 7,9 [.31] Ø 25,4 [1.00] 39,6 [1.56] 28,7 [1.13] CONDUIT OPENING LOCATION LSV SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS DIMS: MM [IN] 20,3 [.80] 36,6 [1.44] 39,0 [1.54] 44,4 [1.75] 75,8 [2.98] 17,5 [.69] 21,6 [.85] 53,1 [2.09] MIN OPERATING POINT 7,9 [.31] 14,7 [.58] 59,4 [2.34] MAX OPERATING POINT 59,4 [2.34] 70,4 [2.77] 29,4 [1.16] 41,1 [1.62] 25,4 [1.00] 28,7 [1.13] 36,6 [1.56] CONDUIT OPENING LOCATION LSV SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES DIMS: MM [IN] MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 18.8 [.74] 26,4 [1.04] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 21,6 [.85] 29,4 [1.16] 47,8 [1.88] 82,6 [3.25] 59,5 [2.34] 53,1 [2.09] MIN OPERATING POINT 59,4 [2.34] MAX OPERATING POINT 7,9 [.31] 14,7 [.58] 17,5 [.69] Ø 25,4 [Ø1.00] 28,7 [1.13] CONDUIT OPENING LOCATION LSV DPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) DIMS: MM [IN] 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS 21,3 [.84] 38,1 [1.50] 45,3 [1.78] 89.65 29,4 [1.16] 47,8 [1.88] 82,6 [3.25] 59,5 [2.34] 21,6 [.85] 17,5 [.69] 53,1 [2.09] MIN OPERATING POINT 59,4 [2.34] MAX OPERATING POINT 7,9 [.31] Ø 25,4 [Ø1.00] 28,7 [1.13] 14,7 [.58] CONDUIT OPENING LOCATION DIMS: MM [IN] 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32]Ø C'BORE X 7,8 [.31] DEPTH MTG PADS LSV DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) Figure 15. MICRO SWITCH HDLS LSV Series top adjustable plunger (double pole) dimensions |