| データシートサーチシステム |
|
LSF6B データシート(PDF) 34 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSF6B データシート(HTML) 34 Page - Honeywell Solid State Electronics Center |
|
34 / 38 page ![]() 34 sensing.honeywell.com MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series 16,5 [.65] 25,4 [1.00] 39,0 [1.54] 44,5 [1.75] 74,9 [2.95] 15,2 [.60] 29,4 [1.16] 41,1 [1.62] 70,4 [2.77] 59,4 [2.34] 26,4 [1.04] 140 [5.50] 14,7 [.58] 39,6 [1.56] 21,6 [.850] n6,35 [.25] CONDUIT OPENING LOCATION LSK COIL SPRING SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY DIMS: MM [IN] MTG PADS Figure 32. MICRO SWITCH HDLS LSK_ _-8C Series wobble (single pole) dimensions 20,3 [.80] 36,6 [1.44] 39,0 [1.54] 44,4 [1.75] 29,4 [1.16] 41,1 [1.62] 70,4 [2.77] 59,4 [2.34] 26,4 [1.04] 75,8 [2.98] 15,2 [.60] 21,6 [.850] Ø6,35 [.25] 39,6 [1.56] 14,7 [.58] 140 [5.50] CONDUIT OPENING LOCATION LSK COIL SPRING SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY Figure 33. MICRO SWITCH HDLS LSK_ _-8C Series wobble (double pole) dimensions 21,3 [.84] 38,1 [1.50] 45.3 [1.78] 89,7 [3.53] 29,4 [1.16] 47,8 [1.88] 59,5 [2.34] 82,6 [3.25] 26,4 [1.04] 15,2 [.60] 140 [5.50] 14,7 [.58] 39,6 [1.56] Ø6.35 [.25] 21,6 [.850] 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS LSK COIL WIRE DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) CONDUIT OPENING LOCATION 18,8 [.74] 26,4 [1.04] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 15,2 [.60] 29,4 [1.16] 47,8 [1.88] 59,5 [2.34] 82,6 [3.25] 26,4 [1.04] 140 [5.50] 14,7 [.58] 39,6 [1.56] Ø6,35 [.25] 21,6 [.850] CONDUIT OPENING LOCATION LSJ SPRING WIRE DPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS SPDT Plug-in (mm[in]) SPDT Non-plug-in (mm[in]) DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) |