| データシートサーチシステム |
|
LSG4L データシート(PDF) 32 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSG4L データシート(HTML) 32 Page - Honeywell Solid State Electronics Center |
|
32 / 38 page ![]() 32 sensing.honeywell.com MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series 18,8 [.74] 26,4 [1.04] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 29,4 [1.16] 47,8 [1.88] 82,6 [3.25] 59,5 [2.34] 21,6 [.85] 330,2 [13.00] n2,0 [.08] 21,6 [.85] 66,8 [2.63] 15,2 [.60] 26,4 [1.04] 39,6 [1.56] CONDUIT OPENING LOCATION DIMS: MM [IN] 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS 16,5 [.65] 25,4 [1.00] 39,0 [1.54] 44,5 [1.75] 74,9 [2.95] 29,4 [1.16] 41,1 [1.62] 59,4 [2.34] 70,4 [2.77] 66,8 [2.63] 330,2 [13.00] Ø2,0 [.08] 21,6 [.85] 21,6 [.85] 26,4 [1.04] 15,2 [.60] 39,6 [1.56] CONDUIT OPENING LOCATION LSJ SPRING WIRE SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS 21,3 [.84] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 15,2 [.60] 29,4 [1.16] 47,8 [1.88] 59,5 [2.34] 82,6 [3.25] 26,4 [1.04] 330,2 [13.00] 21,6 [.85] 2,0 [.08] 66,8 [2.63] 21,6 [.85] 39,6 [1.56] DIMS: MM [IN] 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH MTG PADS CONDUIT OPENING LOCATION SCALE 1.000 SPDT Plug-in (mm[in]) DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) Figure 28. MICRO SWITCH HDLS LSJ_ _-7M Series wobble (single pole) dimensions 20,3 [.80] 36,6 [1.44] 39,0 [1.54] 44,4 [1.75] 75,8 [2.98] 15,2 [.60] 29,4 [1.16] 41,1 [1.62] 59,4 [2.34] 70,4 [2.77] 21,6 [.85] 66,8 [2.63] 26,4 [1.04] 330,2 [13.00] 21,6 [.85] 2,0 [.08] 39,6 [1.56] CONDUIT OPENING LOCATION 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY DIMS: MM [IN] MTG PADS Figure 29. MICRO SWITCH HDLS LSJ_ _-7M Series wobble (double pole) dimensions SPDT Non-plug-in (mm[in]) |