| データシートサーチシステム |
|
LSK4L-8C データシート(PDF) 22 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSK4L-8C データシート(HTML) 22 Page - Honeywell Solid State Electronics Center |
|
22 / 38 page ![]() 22 sensing.honeywell.com MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series Figure 12. MICRO SWITCH HDLS LSD Series (single pole) top roller plunger dimensions 74,9 [2.95] 16,5 [.65] 25,4 [1.00] 39,1 [1.54] 44,4 [1.54] 21,6 [.85] 4,8 [.19] 14,7 [.58] 39,6 [1.56] 28,7 [1.13] 25,4 [1.00] 59,4 [2.34] 29,4 [1.16] 41,1 [1.62] 70,4 [2.77] Ø12,7 [.50] 55,9 [2.20] OPERATING POINT CONDUIT OPENING LOCATION LSD SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS 44,4 [1.75] 39,0 [1.54] 36,6 [1.44] 20,3 [.80] 75,8 [2.98] 4,8 [1.19] 21,6 [.85] Ø12,7 [.50] 39,6 [1.56] 25,4 [1.00] 14,7 [.58] 55,9 [2.20] OPERATING POINT 28,7 [1.13] 70,4 [2.77] 59,4 [2.34] 29,4 [1.16] 41,1 [1.62] CONDUIT OPENING LOCATION LSD SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES DIMS: MM [IN] MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 21,3 [.84] 26,4 [1.04] 45,3 [1.78] 89,7 [3.53] 21.46@21,6 [.85] 4,8 [1.19] Ø12.7 [.50] 39,6 [1.56] 25,4 [1.00] 14,7 [.58] 55,9 [2,20] OPERATING POINT 28,7 [1.13] 82,6 [3.25] 59,5 [2.34] 29,4 [1.16] 47,8 [1.88] CONDUIT OPENING LOCATION LSD DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) DIMS: MM [IN] MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH 21,3 [.84] 38,1 [1.50] 45,3 [1.78] 89,7 [3.53] 21,6 [.85] 4,8 [0.19] 39,6 [1.56] 25,4 [1.00] 14,7 [.58] 55,9 [2.20] OPERATING POINT 28,7 [1.13] 82,6 [3.25] 59,5 [2.34] 29,4 [1.16] 47,8 [1.88] Ø12,7 [.50] CONDUIT OPENING LOCATION LSD DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) DIMS: MM [IN] MTG PADS 2X 10-32 UNF TAPPED FROM REAR ONLY 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH SPDT Plug-in (mm[in]) SPDT Non-plug-in (mm[in]) DPDT Plug-in (mm[in]) Figure 13. MICRO SWITCH HDLS LSD Series (double pole) top roller plunger dimensions DPDT Non-plug-in (mm[in]) |