データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCE3095G データシート(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

部品番号 NCE3095G
部品情報  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
ホームページ  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE3095G データシート(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE3095G Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3095G Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3095G Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3095G Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3095G Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3095G Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE3095G Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wuxi NCE Power Co., Ltd
Page
v2.0
2
NCE3095G
http://www.ncepower.com
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
30
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
1
1.5
2.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=20A
-
3.5
4.2
VGS=4.5V, ID=20A
-
5.3
7.3
Forward Transconductance
gFS
VDS=5V,ID=20A
30
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
VDS=15V,VGS=0V,
F=1.0MHz
-
1784
-
PF
Output Capacitance
Coss
-
266
-
PF
Reverse Transfer Capacitance
Crss
-
212
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
VDD=5V,ID=20A
VGS=10V,RGEN=6Ω
-
7
-
nS
Turn-on Rise Time
tr
-
6
-
nS
Turn-Off Delay Time
td(off)
-
30
-
nS
Turn-Off Fall Time
tf
-
8
-
nS
Total Gate Charge
Qg
VDS=15V,ID=20A,
VGS=10V
-
38.4
-
nC
Gate-Source Charge
Qgs
-
5.8
-
nC
Gate-Drain Charge
Qgd
-
7.9
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=20A
-
0.85
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
95
A
Reverse Recovery Time
trr
TJ = 25°C, IF = 20A
di/dt = 100A/μs
(Note3)
-
-
47
nS
Reverse Recovery Charge
Qrr
-
-
25
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
5. EAS condition:Tj=25℃,VDD=15V,VG=10V,L=0.1mH,Rg=25Ω



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com