データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S71WS256JC0BAWTY3 データシート(PDF) 12 Page - SPANSION

部品番号 S71WS256JC0BAWTY3
部品情報  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JC0BAWTY3 データシート(HTML) 12 Page - SPANSION

Back Button S71WS256JC0BAWTY3 Datasheet HTML 8Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 9Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 10Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 11Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 12Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 13Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 14Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 15Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 186 page
background image
August 19, 2005 S71WS-J_04A2
10
Prel imin ar y
Lookahead Connection Diagram
1RWHV
 )DQG ) GHQRWH;,3&RGH)ODVKZKLOH ) DQG) GHQRWH 'DWD&RPSDQLRQ)ODVK
 ,Q DGGLWLRQ WREHLQJGHILQHGDV )&(  %DOO& FDQ DOVREHDVVLJQHGDV )&( IRU FRGH IODVK WKDW KDV WZRFKLSHQDEOHVLJQDOV
 )RU 0&3VUHTXLULQJ9 9FF DQG99LR XVH WKH 9 /RRNDKHDG 3LQRXWLQRUGHU WRDFFRPPRGDWH H[WUD $9' 056DQG &/.SLQV IRU WKH
S65$0 LIQHHGHG 
 5HIHU WR$SSOLFDWLRQ 1RWHRQ SLQRXWVXEVHWV WRPDWFK WKHSDFNDJHVL]HRIIHULQJV
 %DOO % LV VKDUHGEHWZHHQ)ODVK 5'< DQG5$0 :$,7 VLJQDOV
J4
J5
J6
J7
J8
J2
H7
H8
H9
G7
G8
G9
F7
F8
F9
E7
E8
E9
K2
K3
D6
D7
F1-CE#
J3
OE#
R1-CE1#
DQ0
D2
D3
C2
C3
AVD#
VSS
F-WP#
A7
A8
WE#
R-LB#
C4
C5
C5
C6
C7
D8
D9
F3-CE#
A11
C8
C9
F2-OE#
R-OE#
F-CLK
F-VCC
F2-CE#
CLK
A15
A12
A19
A21
A13
A9
A22
A14
A10
A16
A24
DQ6
H6
H6
G6
F6
R1-CE2
A20
A23
R2-CE2
H4
H5
H5
G4
G5
G5
F4
F5
E5
F-RST#
R-UB#
RDY
A18
R2-CE1
A17
R2-VCC
DQ1
DNU
DQ15
DQ13
DQ4
DQ3
DQ9
K4
K5
K5
K7
K8
K9
DQ7
R1-VCC
F-VCC
DQ10
H2
H3
G2
G3
F2
F3
E2
E3
A6
A3
A5
A2
A4
A1
VSS
A0
L4
L5
L6
L7
L8
L9
L2
L2
L3
M2
M3
R-VCC
DQ8
A27
A26
VSS
DQ12
WP#/ACC
DQ14
DQ5
A25
DQ11
DQ2
M4
M5
M6
M8
M9
F-VCCQ
R-VCCQ
F4-CE#
F-VCC
VSS
R-CLK
N10
F-DQS-1
N1
F-DQS0
Legend:
MirrorBit Data-storage Only
Shared
or DNU
(Do Not Use)
Flash/Data Shared Only
1st Flash Only
Flash Only
K5
K6
B2
DNU
A2
DNU
B1
A1
DNU
DNU
B9
DNU
A9
DNU
B10
DNU
A10
DNU
P9
DNU
N9
DNU
P10
DNU
N2
DNU
P1
DNU
P2
DNU
J2
J2
E6
1st RAM Only
2nd RAM Only
xRAM Shared Only
WP#/ACC
L2
M7
D5
D5
D4
E4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More