| データシートサーチシステム |
|
AM26LS31MWB データシート(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26LS31MWB データシート(HTML) 3 Page - Texas Instruments |
|
3 / 34 page ![]() 19 20 1 3 2 17 18 16 15 14 13 12 11 9 10 5 4 6 7 8 4Y 4Z NC G 3Z 1Z G NC 2Z 2Y 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1A 1Y 1Z G 2Z 2Y 2A GND VCC 4A 4Y 4Z G 3Z 3Y 3A 3 AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M www.ti.com SLLS114L – JANUARY 1979 – REVISED OCTOBER 2018 Product Folder Links: AM26LS31 AM26LS31M Submit Documentation Feedback Copyright © 1979–2018, Texas Instruments Incorporated 5 Pin Configuration and Functions D, DB, N , NS, J, or W Package SOIC, SSOP, PDIP, SO, CDIP, or CFP Top View FK Package 20-Pin LCCC Top View Pin Functions PIN I/O DESCRIPTION NAME SOIC, SSOP, PDIP, SO, CDIP, or CFP LCCC 1A 1 2 I Logic Data Input to RS422 Driver number 1 1Y 2 3 O RS-422 Data Line (Driver 1) 1Z 3 4 O RS-422 Data Line (Driver 1) G 4 5 I Driver Enable (active high) G 12 15 I Driver Enable (active Low) 2A 7 9 I Logic Data Input to RS422 Driver number 2 2Y 6 8 O RS-422 Data Line (Driver 2) 2Z 5 7 O RS-422 Data Line (Driver 2) 3A 9 12 I Logic Data Input to RS422 Driver number 3 3Y 10 13 O RS-422 Data Line (Driver 3) 3Z 11 14 O RS-422 Data Line (Driver 3) 4A 15 19 I Logic Data Input to RS422 Driver number 4 4Y 14 18 O RS-422 Data Line (Driver 4) 4Z 13 17 O RS-422 Data Line (Driver 4) VCC 16 20 – Power Input. Connect to 5-V Power Source. GND 8 10 – Device Ground Pin |