| データシートサーチシステム |
|
LM7808CT データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM7808CT データシート(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 17 page ![]() Ordering Information Package Temperature Range Part Number Packaging Marking Transport Media NSC Drawing 3-Lead TO-3 -55˚C to +125˚C LM140K-5.0 LM140K 5.0P+ 50 Per Tray K02A LM140K-12 LM140K 12P+ 50 Per Tray LM140K-15 LM140K 15P+ 50 Per Tray 0˚C to +125˚C LM340K-5.0 LM340K 5.0 7805P+ 50 Per Tray LM340K-12 LM340K 12 7812P+ 50 Per Tray LM340K-15 LM340K 15 7815P+ 50 Per Tray 3-lead TO-220 0˚C to +125˚C LM340AT-5.0 LM340AT 5.0 P+ 45 Units/Rail T03B LM340T-5.0 LM340T5 7805 P+ 45 Units/Rail LM340T-12 LM340T12 7812 P+ 45 Units/Rail LM340T-15 LM340T15 7815 P+ 45 Units/Rail LM7808CT LM7808CT 45 Units/Rail 3-Lead TO-263 0˚C to +125˚C LM340S-5.0 LM340S-5.0 P+ 45 Units/Rail TS3B LM340SX-5.0 500 Units Tape and Reel LM340S-12 LM340S-12 P+ 45 Units/Rail LM340SX-12 500 Units Tape and Reel LM340AS-5.0 LM340AS-5.0 P+ 45 Units/Rail LM340ASX-5.0 500 Units Tape and Reel 4-Lead SOT-223 0˚C to +125˚C LM340MP-5.0 N00A 1k Units Tape and Reel MP04A LM340MPX-5.0 2k Units Tape and Reel Unpackaged Die −55˚C to 125˚C LM140KG-5 MD8 Waffle Pack or Gel Pack DL069089 LM140KG-12 MD8 Waffle Pack or Gel Pack DL059093 LM140KG-15 MD8 Waffle Pack or Gel Pack DL059093 0˚C to +125˚C LM340-5.0 MDA Waffle Pack or Gel Pack DI074056 LM7808C MDC Waffle Pack or Gel Pack DI074056 Connection Diagrams TO-3 Metal Can Package (K) TO-220 Power Package (T) 00778111 Bottom View See Package Number K02A 00778112 Top View See Package Number T03B TO-263 Surface-Mount Package (S) 3-Lead SOT-223 00778120 Top View See Package Number TS3B 00778143 Top View See Package Number MP04A www.national.com 2 |