データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S75WS256NDFBAWMB データシート(PDF) 4 Page - SPANSION

部品番号 S75WS256NDFBAWMB
部品情報  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB データシート(HTML) 4 Page - SPANSION

  S75WS256NDFBAWMB Datasheet HTML 1Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 2Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 3Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 4Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 5Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 6Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 7Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 8Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 216 page
background image
2
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Notice On Data Sheet Designations
Spansion LLC issues data sheets with Advance Information or Preliminary designations to advise
readers of product information or intended specifications throughout the product life cycle, includ-
ing development, qualification, initial production, and full production. In all cases, however,
readers are encouraged to verify that they have the latest information before finalizing their de-
sign. The following descriptions of Spansion data sheet designations are presented here to
highlight their presence and definitions.
Advance Information
The Advance Information designation indicates that Spansion LLC is developing one or more spe-
cific products, but has not committed any design to production. Information presented in a
document with this designation is likely to change, and in some cases, development on the prod-
uct may discontinue. Spansion LLC therefore places the following conditions upon Advance
Information content:
“This document contains information on one or more products under development at Spansion LLC. The
information is intended to help you evaluate this product. Do not design in this product without con-
tacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed
product without notice.”
Preliminary
The Preliminary designation indicates that the product development has progressed such that a
commitment to production has taken place. This designation covers several aspects of the product
life cycle, including product qualification, initial production, and the subsequent phases in the
manufacturing process that occur before full production is achieved. Changes to the technical
specifications presented in a Preliminary document should be expected while keeping these as-
pects of production under consideration. Spansion places the following conditions upon
Preliminary content:
“This document states the current technical specifications regarding the Spansion product(s) described
herein. The Preliminary status of this document indicates that product qualification has been completed,
and that initial production has begun. Due to the phases of the manufacturing process that require
maintaining efficiency and quality, this document may be revised by subsequent versions or modifica-
tions due to changes in technical specifications.”
Combination
Some data sheets will contain a combination of products with different designations (Advance In-
formation, Preliminary, or Full Production). This type of document will distinguish these products
and their designations wherever necessary, typically on the first page, the ordering information
page, and pages with the DC Characteristics table and the AC Erase and Program table (in the
table notes). The disclaimer on the first page refers the reader to the notice on this page.
Full Production (No Designation on Document)
When a product has been in production for a period of time such that no changes or only nominal
changes are expected, the Preliminary designation is removed from the data sheet. Nominal
changes may include those affecting the number of ordering part numbers available, such as the
addition or deletion of a speed option, temperature range, package type, or VIO range. Changes
may also include those needed to clarify a description or to correct a typographical error or incor-
rect specification. Spansion LLC applies the following conditions to documents in this category:
“This document states the current technical specifications regarding the Spansion product(s) described
herein. Spansion LLC deems the products to have been in sufficient production volume such that sub-
sequent versions of this document are not expected to change. However, typographical or specification
corrections, or modifications to the valid combinations offered may occur.”
Questions regarding these document designations may be directed to your local AMD or Fujitsu
sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More