| データシートサーチシステム |
|
VAF1003 データシート(PDF) 3 Page - COSEL CO., LTD. |
|
|
|||||||||||||||||||||||||||||
VAF1003 データシート(HTML) 3 Page - COSEL CO., LTD. |
|
3 / 4 page ![]() MODEL VAF1003 VAF1005 VAF1012 VAF1015 VAF1024 MAX OUTPUT WATTAGE[W] 6.6 10.0 10.8 10.5 10.8 DC OUTPUT VOLTAGE[V] 3.3 5 12 15 24 CURRENT[A] 2.0 (Peak 2.4) 2.0 (Peak 2.4) 0.9 (Peak 1.08) 0.7 (Peak 0.84) 0.45 (Peak 0.54) SPECIFICATIONS MODEL VAF1003 VAF1005 VAF1012 VAF1015 VAF1024 INPUT VOLTAGE[V] AC85 - 264 1 f or DC110 - 370 CURRENT[A] ACIN 100V 0.3typ (Io=100%) ACIN 200V 0.2typ (Io=100%) FREQUENCY[Hz] 47 - 440 or DC INRUSH CURRENT[A] ACIN 100V 15typ (Io=100%) ACIN 200V 30typ (Io=100%) LEAKAGE CURRENT[mA] 0.5max (60Hz, According to IEC60950 and DEN-AN) EFFICIENCY[%] 65typ 74typ 78typ 78typ 81typ OUTPUT VOLTAGE[V] 3.3 5 12 15 24 CURRENT[A] *1 2.0 (Peak 2.4) 2.0 (Peak 2.4) 0.9 (Peak 1.08) 0.7 (Peak 0.84) 0.45 (Peak 0.54) LINE REGULATION[mV] 20max 20max 48max 60max 96max LOAD REGULATION[mV] 40max 40max 100max 120max 150max RIPPLE[mVp-p] 0to+55 C*2 80max 80max 120max 120max 150max -10-0 C*2 140max 140max 160max 160max 200max Io=100 - 120%*2 180max 180max 200max 200max 240max RIPPLE NOISE[mVp-p] 0to+55 C*2 120max 120max 150max 150max 200max -10-0 C*2 160max 160max 180max 180max 230max Io=100 - 120%*2 200max 200max 220max 220max 260max TEMPERATURE COEFFICIENT[mV] -10 to +55 C 100max 50max 120max 150max 300max DRIFT[mV] *3 20max 20max 48max 60max 96max OUTPUT VOLTAGE SETTING[V] 3.19 - 3.47 4.90 - 5.30 11.40 - 12.60 14.25 - 15.75 23.0 - 25.0 OUTPUT VOLTAGE ADJUSTMENT RANGE[V] Fixed START-UP TIME[ms] 700max (ACIN 85V, Io=100%) HOLD-UP TIME[ms] 10typ (ACIN 85V, Io=100%), 20typ (ACIN 100V, Io=100%) PROTECTION CIRCUIT OVERCURRENT PROTECTION Works over 125% of rating and recovers automatically OVERVOLTAGE PROTECTION Works over 115% of rating (By zener diode clamping) ISOLATION INPUT-OUTPUT AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) INPUT-FG AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) OUTPUT-FG AC500V 1minute, Cutoff current = 100mA, DC500V 50M W min (At Room Temperature) ENVIRONMENT OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +71 C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75 C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max VIBRATION 19.6m/s2 10 - 55Hz, 3minutes period, 60minutes each along X, Y and Z axis (Non operating) IMPACT 196.1m/s2 11ms, once each X, Y and Z axis (Non operating) SAFETY AND NOISE REGULATIONS AGENCY APPROVALS UL60950-1, C-UL, EN60950-1, EN50178 Complies with DEN-AN and IEC60950-1 CONDUCTED NOISE Complies with FCC-B, VCCI-B, CISPR22-B, EN55022-B OTHERS CASE SIZE/WEIGHT 36 X21X78mm [1.42X0.83X3.07 inches] (WXHXD) / 40g max COOLING METHOD Convection *1 Peak load for 10sec. or less in acceptable if the total wattage is less than the rated wattage. *2 This is the value that measured on measuring board with capasitor of 22mF. Measuared by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN: RM101). *3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output. VAF10 AC-DC Power Supplies PCB Mount type VAF 10 05 Ordering information 1Series name 2Output wattage 3Output voltage R 123 VAF VAF-4 |