| データシートサーチシステム |
|
RJSBE データシート(PDF) 3 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
RJSBE データシート(HTML) 3 Page - Amphenol Communications Solutions |
|
3 / 3 page ![]() Amphenol Canada Corp. 605 Milner Avenue Toronto, Ontario, Canada M1B 5X6 www.amphenolcanada.com (www.amphenol-icc.com) (416) 291-4401 sales@amphenolcanada.com THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP. Amphenol Copyright © Amphenol Corporation 2018 ·All rights reserved Page 3 of 3 MATERIAL REQUIREMENTS RJSBE connectors are RoHS compliant. Unless otherwise specified, the materials for each component shall be: Insulator Engineering thermoplastic, flammability rating UL 94V-0 Contacts -Phosphor Bronze hard temper with gold thickness options (6µ”, 15µ”, 30µ”, 50µ”) over 50µ” minimum Nickel on contact mating area -100µ” minimum matte tin plating on soldering tail Shield Copper alloy; Nickel plated with pure tin dipped tail LED Pure Tin plating on LED tails About Amphenol Commercial Products Amphenol’s commercial connector products are used in a variety of end user applications including networking, telecom, server & computer, storage & HDD, consumer electronics and entertainment, professional audio & Industrial & Military/Aerospace. Related Products RJSSE P/N RJSSE-3081 SHOWN SINGLE PORT, 8 POSITION, WITH SHIELD AND LIGHT PIPE RJHSE P/N RJHSE-3081 SHOWN SINGLE PORT, 8 POSITION WITHOUT SHIELD, WITH LEDs Amphenol RJSBE Product Specification S6036C Rev 1.2 AVAILABLE DOCUMENTS Below is a list of the most popular standard sales drawings: Contact our website, sales, or an authorized Amphenol representation for additional drawings. RJSBE-706X-02 Two ports. Through hold, no shield, 6 contacts, with LEDs RJSBE-538X-F1 Single port, through hole, shielded with EMI tabs, with LEDs RJSBE-5F8X-C1X Single port, through hole, shielded without EMI tabs, with LEDs |