| データシートサーチシステム |
|
ICS952702 データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS952702 データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 18 page ![]() 9 Integrated Circuit Systems, Inc. ICS952702 0795D—05/06/05 I 2C Table: VCO Control Select Bit & WD Timer Control Register Bit 6 WDEN Watchdog Enable RW Disable Enable 0 Bit 4 WD SF4 RW 0 Bit 3 WD SF3 RW 1 Bit 2 WD SF2 RW 0 Bit 1 WD SF1 RW 0 Bit 0 WD SF0 RW 0 I 2C Table: VCO Frequency Control Register Bit 7 N Div8 N Divider Bit 8 RW - - X Bit 6 N Div9 N Divider Bit 9 RW - - X Bit 5 M Div5 RW - - X Bit 4 M Div4 RW - - X Bit 3 M Div3 RW - - X Bit 2 M Div2 RW - - X Bit 1 M Div1 RW - - X Bit 0 M Div0 RW - - X I 2C Table: VCO Frequency Control Register Bit 7 N Div7 RW - - X Bit 6 N Div6 RW - - X Bit 5 N Div5 RW - - X Bit 4 N Div4 RW - - X Bit 3 N Div3 RW - - X Bit 2 N Div2 RW - - X Bit 1 N Div1 RW - - X Bit 0 N Div0 RW - - X I 2C Table: Spread Spectrum Control Register Bit 7 SSP7 RW - - X Bit 6 SSP6 RW - - X Bit 5 SSP5 RW - - X Bit 4 SSP4 RW - - X Bit 3 SSP3 RW - - X Bit 2 SSP2 RW - - X Bit 1 SSP1 RW - - X Bit 0 SSP0 RW - - X - Watch Dog Safe Freq Programming bits - Control Function - Name - - Control Function - 0 Latched FS/Byte0 PWD PWD WD B10 b(4:0) 01 01 Writing to these bit will configure the safe frequency as Byte 0 Bit (4:0) Byte 10 Pin # Type Control Function Bit 7 -M/NEN M/N Programming Enable 0 Name 0 Enable 1PWD RW Disable - Bit 5 - WDFSEN - - Byte 11 Pin # - - - - - Byte 12 Pin # Name - - - - - - - - - Byte 13 Pin # - - - - Type Name PWD - These Spread Spectrum bits will program the spread percentage. It is recommended to use ICS Spread % table for spread programming. - - Type 01 RW Control Function The decimal representation of M Div (5:0) + 2 is equal to reference divider value. Default at power up = latch-in or Byte 0 Rom table. Type WD Safe Frequency Mode The decimal representation of N Div (9:0) + 8 is equal to VCO divider value. Default at power up = latch-in or Byte 0 Rom table. |