| データシートサーチシステム |
|
ICS954321 データシート(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS954321 データシート(HTML) 11 Page - Renesas Technology Corp |
|
11 / 19 page ![]() 11 Integrated Circuit Systems, Inc. ICS954321 1078B—09/20/05 SMBus Table: PLL 2 Spread Spectrum Control Register Control Function Bit 7 SSP7 RW X Bit 6 SSP6 RW X Bit 5 SSP5 RW X Bit 4 SSP4 RW X Bit 3 SSP3 RW X Bit 2 SSP2 RW X Bit 1 SSP1 RW X Bit 0 SSP0 RW X SMBus Table: PLL2 Spread Spectrum Control Register Control Function Bit 7 Reserved Reserved R 0 Bit 6 SSP14 RW X Bit 5 SSP13 RW X Bit 4 SSP12 RW X Bit 3 SSP11 RW X Bit 2 SSP10 RW X Bit 1 SSP9 RW X Bit 0 SSP8 RW X Name Type Name - - - - - - Spread Spectrum Programming b(14:8) Spread Spectrum Programming b(7:0) These Spread Spectrum bits in Byte 19 and 20 will program the spread pecentage. It is recommended to use ICS Spread % table for spread programming. PWD Type 1 -- 0 These Spread Spectrum bits in Byte 19 and 20 will program the spread pecentage. It is recommended to use ICS Spread % table for spread programming. PWD 01 - - Byte 20 Pin # - Byte 19 Pin # - - - - - - - |