| データシートサーチシステム |
|
IDT723663 データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
IDT723663 データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 30 page ![]() 2 COMMERCIALTEMPERATURERANGE IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2 and 8,192 x 36 x 2 These devices are synchronous (clocked) FIFOs, meaning each port employs a synchronous interface. All data transfers through a port are gated totheLOW-to-HIGHtransitionofaportclockbyenablesignals.Theclocksfor each port are independent of one another and can be asynchronous or coincident. The enables for each port are arranged to provide a simple bidirectionalinterfacebetweenmicroprocessorsand/orbuseswithsynchro- nouscontrol. DESCRIPTION The IDT723663/723673 is a monolithic, high-speed, low-power, CMOS unidirectional Synchronous (clocked) FIFO memory which supports clock frequenciesupto83MHzandhasreadaccesstimesasfastas8ns.The4,096/ 8,192x36dual-portSRAMFIFObuffersdatafromPortAtoPortB.FIFOdata onPortBcanoutputin36-bit,18-bit,or9-bitformatswithachoiceofBig-orLittle- Endianconfigurations. PIN CONFIGURATION TQFP (PK128, PKG128) Order code: PF TOP VIEW W/ RA CLKB 5610 drw02 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 ENA CLKA GND A35 A34 A33 A32 Vcc A31 A30 GND A29 A28 A27 A26 A25 A24 A23 BE/ FWFT GND A22 Vcc A21 A20 A19 A18 GND A17 A16 A15 A14 A13 Vcc A12 GND A11 A10 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 102 101 Vcc Vcc B35 B34 B33 B32 RTM GND B31 B30 B29 B28 B27 B26 Vcc B25 B24 BM GND B23 B22 B21 B20 B19 B18 GND B17 B16 Vcc B15 B14 B13 B12 GND B11 B10 INDEX SIZE |