| データシートサーチシステム |
|
S29GL-M データシート(PDF) 21 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL-M データシート(HTML) 21 Page - SPANSION |
|
21 / 116 page ![]() October 10, 2006 S29GL-M_00_B6 S29GL-M MirrorBitTM Flash Family 19 Data Sheet Notes: 1. Type 0 is standard. Specify others as required: TSOPs can be packed in Types 0 and 3; BGAs can be packed in Types 0, 2, or 3. 2. This package is recommended for new designs using TSOPs. 3. TSOP package marking omits packing type designator from the ordering part number. 4. BGA package marking omits leading “S29” and packing type designator from the ordering part number. 5. 100% Matte Sn is used for Pb-free TSOP plating. 6. SnBi is used for Pb-free TSOP plating. Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific valid combinations and to check on newly released combinations. Table 2. S29GL064M Ordering Options S29GL064M Valid Combinations Package Description (Notes) Device Number Speed Option Package, Material, & Temperature Range Model Number Packing Type S29GL064M 90, 10, 11 TAI, TFI R0,R3,R4,R6,R7 0,2,3 (Note 1) TS048 (2, 3, 5) TSOP R1,R2 TS056 (2, 3, 5) TBI, TCI R2,R7 FPT-48P-M19 (3, 6) TAI, TDI R9 FPT-56P-M01 (3, 6) BAI, BFI R0,R3,R4,R5 FBE063 (4, 6) Fine-Pitch BGA FAI, FFI R1,R2,R3,R4,R5 LAA064 (4) Fortified BGA |