データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C0125 データシート(PDF) 22 Page - Norgren Ltd

部品番号 C0125
部品情報  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NORGREN [Norgren Ltd]
ホームページ  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C0125 データシート(HTML) 22 Page - Norgren Ltd

Back Button C0125 Datasheet HTML 18Page - Norgren Ltd C0125 Datasheet HTML 19Page - Norgren Ltd C0125 Datasheet HTML 20Page - Norgren Ltd C0125 Datasheet HTML 21Page - Norgren Ltd C0125 Datasheet HTML 22Page - Norgren Ltd C0125 Datasheet HTML 23Page - Norgren Ltd C0125 Datasheet HTML 24Page - Norgren Ltd C0125 Datasheet HTML 25Page - Norgren Ltd C0125 Datasheet HTML 26Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
en 9.1.020.22
4/15
Swivel speed control (out)
C0T56
Swivel speed control (out)
C0K56
Ø A
B
C*1)
C1
E
G
H
Model
4
R1/8
35/40
20,5
14,5
8
15
11
C0T560418
4
R1/4
4045,5
20,5
18
10
18,5
15
C0T560428
6
R1/8
35/40
24
15,5
8
15
11
C0T560618
6
R1/4
40/45,5 26
20,5
10
18,5
15
C0T560628
6
R3/8
47/55
26
23,5
11
21,5
19
C0T560638
8
R1/8
35/40
25,5
16
8
15,5
11
C0T560818
8
R1/4
40/45,5 29
19,5
10
18,5
15
C0T560828
8
R3/8
47/55
30
24,5
11
22
19
C0T560838
8
R1/2
53/60
30
26,5
14
26
24
C0T560848
10
R1/4
40/45,5 31
20,5
10
18,5
15
C0T561028
10
R3/8
47/55
32
24,5
11
22
19
C0T561038
10
R1/2
53/60
33
26,5
14
26,5
24
C0T561048
12
R1/4
40/45,5 33,5
22
10
18,5
15
C0T561228
12
R3/8
47/55
34,5
24,5
11
22
19
C0T561238
12
R1/2
53/60
36
26,5
14
26,5
24
C0T561248
* min/max
Ø A
B
C*1)
C1
E
G
H
Model
4
M5
27/30
20,5
12,5
3,6
9,5
8
C0K560405
4
G1/8
35/40
20,5
14,5
8
15,5
8
C0K560418
4
G1/4
40/45,5 20,5
18
12
17,5
12
C0K560428
6
M5
27/30
22,5
13,5
3,6
9,5
8
C0K560605
6
G1/8
35/40
24
15,5
8
15,5
8
C0K560618
6
G1/4
40/45,5 26
20,5
12
17,5
12
C0K560628
6
G3/8
47/55
26
23,5
14
21,5
14
C0K560638
8
G1/8
35/40
25,5
16
8
14,5
8
C0K560818
8
G1/4
40/45,5 29
19,5
12
17,5
12
C0K560828
8
G3/8
47/55
30
24,5
14
21
14
C0K560838
8
G1/2
53/60
30
26,5
17
23
17
C0K560848
10
G1/4
40/45,5 31
20,5
12
17,5
12
C0K561028
10
G3/8
47/55
32
24,5
14
21
14
C0K561038
10
G1/2
53/60
33
26,5
17
23
17
C0K561048
12
G1/4
40/45,5 33,5
22
12
17,5
12
C0K561228
12
G3/8
47/55
34,5
24,5
14
21
14
C0K561238
12
G1/2
53/60
36
26,5
17
23
17
C0K561248
* min/max
E
øA
B
1
2
360°
E
øA
B
1
2
360°
Dimensions in mm
Projection/First angle
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27