データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C00GL データシート(PDF) 14 Page - Norgren Ltd

部品番号 C00GL
部品情報  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NORGREN [Norgren Ltd]
ホームページ  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C00GL データシート(HTML) 14 Page - Norgren Ltd

Back Button C00GL Datasheet HTML 10Page - Norgren Ltd C00GL Datasheet HTML 11Page - Norgren Ltd C00GL Datasheet HTML 12Page - Norgren Ltd C00GL Datasheet HTML 13Page - Norgren Ltd C00GL Datasheet HTML 14Page - Norgren Ltd C00GL Datasheet HTML 15Page - Norgren Ltd C00GL Datasheet HTML 16Page - Norgren Ltd C00GL Datasheet HTML 17Page - Norgren Ltd C00GL Datasheet HTML 18Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
en 9.1.020.14
4/15
Dimensions in mm
Projection/First angle
Stem side tee
C0064
Equal
Unequal
Ø A
Ø A1
C
E
F
Model
4
4
58
20,5
17
C00640400
6
6
52,5
21,5
17,5
C00640600
8
8
67
23,5
18,5
C00640800
10
10
73
25,5
19,5
C00641000
12
12
82
30
22
C00641200
Ø A
Ø A1
C
E
F
Model
4
6
59
20
17
C00640604
6
8
63,5
21,5
17,5
C00640806
8
10
69,5
23,5
18,5
C00641008
10
12
75
25,5
19,5
C00641210
E
ø A 1
Swivel side tee adaptor
C0168
Ø A
B
C
E
G
Model
4
R1/8
45
20
8
10
C01680418
4
R1/4
48
20
10
14
C01680428
4
R3/8
49
20
11
17
C01680438
6
R1/8
48,5
21,5
8
12
C01680618
6
R1/4
51
21,5
10
14
C01680628
6
R3/8
52
21,5
11
17
C01680638
6
R1/2
55
21,5
14
21
C01680648
8
R1/8
52
23,5
8
14
C01680818
8
R1/4
55
23,5
10
14
C01680828
8
R3/8
56
23,5
11
17
C01680838
8
R1/2
59
23,5
14
21
C01680848
10
R1/8
55,5
25,5
8
17
C01681018
10
R1/4
58,5
25,5
10
17
C01681028
10
R3/8
59,5
25,5
11
17
C01681038
10
R1/2
62,5
25,5
14
21
C01681048
12
R1/8
63
30
8
19
C01681218
12
R1/4
65
30
10
19
C01681228
12
R3/8
66
30
11
19
C01681238
12
R1/2
69
30
14
21
C01681248
E
B
Union cross
C0090
Ø A
B
C
E
G
Model
4
M5
42
20
4,5
10
C02680405
4
M6
42
20
4,5
10
C02680406
4
G1/8
43
20
6
14
C02680418
4
G1/4
45
20
8
17
C02680428
4
G3/8
45
20
8
20
C02680438
6
M5
46
21,5
4,5
12
C02680605
6
M6
46
21,5
4,5
12
C02680606
6
G1/8
47
21,5
6
14
C02680618
6
G1/4
49
21,5
8
17
C02680628
6
G3/8
50
21,5
9
20
C02680638
8
G1/8
50
23,5
6
14
C02680818
8
G1/4
52
23,5
8
17
C02680828
8
G3/8
56
23,5
9
20
C02680838
8
G1/2
54
23,5
10
24
C02680848
10
G1/8
54
25,5
6
17
C02681018
10
G1/4
56
25,5
8
17
C02681028
10
G3/8
57
25,5
9
20
C02681038
10
G1/2
58
25,5
10
24
C02681048
12
G1/4
62
30
8
19
C02681228
12
G3/8
63
30
9
20
C02681238
12
G1/2
64
30
10
24
C02681248
Swivel side tee adaptor
C0268
Ø A
C
C1
Ø D
E
H
O
Model
4
36,5
38
3,3
13
6,5
10,5
C00900400
6
42
42,5
4,3
15
7,5
12,5
C00900600
8
45
47
4,3
18
9
14,5
C00900800
10
48
50,5
4,3
20
10
17,5
C00901000
12
55
57
4,3
24
12
20,5
C00901200
E
B
ø A
O
C
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27