| データシートサーチシステム |
|
80KSW0005 データシート(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
80KSW0005 データシート(HTML) 3 Page - Renesas Technology Corp |
|
3 / 50 page ![]() 3 of 49 January 18, 2011 CPS-10Q CPS-10Q Datasheet 2010 Integrated Device Technology, Inc. All rights reserved. 5 Applications Central switch baseband system wireless processing Figure 1 Application Overview Note: The CPS-10Q provides direct support for backplane connections using the serial RapidIO standard. The addition of an appropriate bridge (e.g., CPRI sRIO) allows for further backplane flexibility, accommodating designs based on a wide range of standards such as CPRI, OBSAI, GbE or PCIe. In a macro wireless station, a switch-based raw data combination and distribution architecture is widely adopted. Switch based architecture provides high flexibility and high resource efficiency. The raw data from the Radio Unit is distributed to one or more processing cards by unicast or multicast. Aggregating raw data from processing cards to a buffer-less chain can be done by a fast non-blocking switch. 80HFC1001 CPRI FIC 80HFC1001 CPRI FIC RF Card (RE) RF Receiver TDM 80HFC1001 CPRI FIC 80HFC1001 CPRI FIC RF Card (RE) RF Receiver TDM Baseband System (REC) -RapidIO Based 80HFC1000 CPRI FIC 80HFC1000 CPRI FIC 80KSBR201 Serial Buffer 80KSBR201 Serial Buffer CPS- 10Q CPS-6Q CPS-10Q DSP DSP DSP FPGA CPRI sRIO sRIO |