データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS008 データシート(PDF) 3 Page - Pico Technology Ltd.

部品番号 PS008
部品情報  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PICO [Pico Technology Ltd.]
ホームページ  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PS008 データシート(HTML) 3 Page - Pico Technology Ltd.

  PS008 Datasheet HTML 1Page - Pico Technology Ltd. PS008 Datasheet HTML 2Page - Pico Technology Ltd. PS008 Datasheet HTML 3Page - Pico Technology Ltd. PS008 Datasheet HTML 4Page - Pico Technology Ltd. PS008 Datasheet HTML 5Page - Pico Technology Ltd. PS008 Datasheet HTML 6Page - Pico Technology Ltd. PS008 Datasheet HTML 7Page - Pico Technology Ltd. PS008 Datasheet HTML 8Page - Pico Technology Ltd. PS008 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PicoScope® 4000A Series
Power measurements
The PicoScope 4000A Series is ideal for making a range of power measurements on high voltages and currents and low-voltage control signals. For the best results, use a Pico
differential voltage probe (TA041 or TA057) in combination with a current clamp (TA167) or probes (TA167, TA325 or TA326). To improve the efficiency and reliability of power
designs, the scope can display and analyze standby power dissipation, inrush current, and steady-state power consumption. PicoScope’s built-in measurements and statistics of
parameters such as true RMS, frequency, peak-to-peak voltage and THD allow accurate analysis of power quality.
Nonlinear loads and modern power-conversion equipment produce complex waveforms with significant harmonic content. These harmonics reduce efficiency by causing increased
heating in equipment and conductors, misfiring in variable speed drives, and torque pulsations in motors. The 12-bit PicoScope 4000A Series has the precision to measure
distortion typically up to the 100th harmonic. On the supply side, power quality issues such as sags and dips, swells and spikes, flicker, interruptions and long-term voltage and
frequency variations can also be checked for regulatory compliance.
In a 3-phase distribution system, it is important to characterize and balance loads across phases. With up to 8 channels, the PicoScope 4000A Series can monitor waveforms
of current and voltage on all 4 conductors of a 3-phase-plus-neutral system. This helps to identify mismatches that can cause breaker tripping, or transformer and conductor
overheating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21